PART |
Description |
Maker |
FQD19N10L FQU19N10L FQD19N10LTF FQD19N10LTM |
GIGATRUE CAT6 UNIVERSAL JACK, WHITE 100V LOGIC N-Channel MOSFET 100V N-Channel Logic Level QFET
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
FQP90N10V2 FQPF90N10V2 |
100V N-Channel Advanced QFET V2 series 100V N-Channel MOSFET 90 A, 100 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FQD19N10 FQU19N10 FQD19N10TF FQD19N10TM |
100V N-Channel QFET 100V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQT7N10L FQT7N10LTF FQT7N10LL99Z |
100V N-Channel Logic Level QFET 100V LOGIC N-Channel MOSFET 1.7 A, 100 V, 0.38 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp.
|
IRF5Y1310CM |
100V Single N-Channel Hi-Rel MOSFET in a TO-257AA package THRU-HOLE (TO-257AA) 100V, N-CHANNEL POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.044ohm, Id=18A*)
|
IRF[International Rectifier]
|
IRF5EA1310 |
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.036ohm, Id=23A) THRU-HOLE MOUNT (LCC-28) 100V, N-CHANNEL
|
IRF[International Rectifier]
|
FDG361N |
N-Channel 100V Specified PowerTrench MOSFET N-Channel 100V Specified PowerTrenchMOSFET CAP CER 68PF 1KVDC U2J 1206
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
FQI10N20 FQB10N20 FQB10N20TM |
200V N-Channel QFET 200V N-Channel MOSFET CAP 2200PF 100V 10% NP0(C0G) DIP-2 TUBE-PAK R-MIL-PRF-39014/22
|
http:// FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
FQB34P10TM FQB34P10TM-F085 |
100V P-Channel MOSFET -33.5A, -100V, RDS(on) = 0.06Ω @VGS = -10 V
|
Fairchild Semiconductor
|
IRF5Y3710CM |
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.035ohm, Id=18A*) 功率MOSFET N沟道(减振钢板基本\u003d 100V的,的Rds(on)\u003d 0.035ohm,身份证\u003d 18A POWER MOSFET N-CHANNEL(Vdss=100V Rds(on)=0.035ohm Id=18A*) THRU-HOLE (TO-257AA) 100V, N-CHANNEL 100V Single N-Channel Hi-Rel MOSFET in a TO-257AA package
|
International Rectifier, Corp. IRF[International Rectifier]
|
FQD7N10TF FQD7N10TM |
5.8 A, 100 V, 0.35 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 100V N-Channel QFET; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel
|
FAIRCHILD SEMICONDUCTOR CORP
|